PART |
Description |
Maker |
A3195EU A3195LLT 3195 A3195LU A3195 A3195ELT |
PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN 保护,高温,霍尔效应锁存主动下拉 SENSOR IC CAC ANALOG OUT 8-DIP PROTECTED. HIGH-TEMPERATURE. HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN Protected,High-Temperature,Oper-Collector Hall-Effect Latch(保护型,工作于高温,霍尔效应锁存器( PROTECTED/ HIGH-TEMPERATURE/ HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN PROTECTED HIGH-TEMPERATURE HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN From old datasheet system
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
NCV8450ASTT3G NCV8450STT3G |
Self-Protected High Side Driver with Temperature and Current Limit Self-Protected High Side Driver with Temperature and Current Limit
|
ON Semiconductor
|
EDI414097C100LZM EDI414097C70LZM EDI414097C80LZM E |
x1 Fast Page Mode DRAM ±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 20-CLCC Video Distribution Amplifier; Temperature Range: -55°C to 125°C; Package: 10-FlatPack ±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 28-CLCC 2kx8 Asynchronous CMOS Static RAM; Temperature Range: -55°C to 125°C; Package: 24-CerDIP ±15kV ESD Protected, 5.0V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 28-CLCC 1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -55°C to 125°C; Package: 10-FlatPack x1快速页面模式的DRAM 670MHz Low Noise Amplifiers; Temperature Range: -55°C to 125°C; Package: 8-SBDIP x1快速页面模式的DRAM
|
Hoffman
|
HIN206E HIN211E HIN202E HIN208E HIN241E HIN232ECAZ |
QUAD LINE TRANSCEIVER, PDSO28 ESD保护5V的技术和RS - 232发送器/接收器(静电放电保护,正5V的电源电压的RS - 232收发器) ± 15kV的,ESD保护5V的技术和RS - 232发送器/接收器(± 15kV的ESD防护5V的电源电压,RS - 232接口收发器) /-15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-SSOP T&R DUAL LINE TRANSCEIVER, PDSO16 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 24-SSOP T&R QUAD LINE TRANSCEIVER, PDSO24 /-15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-PDIP DUAL LINE TRANSCEIVER, PDIP16 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers(±15kV ESD防护, 5V电源电压, RS-232收发 ± 15kV的,ESD保护V的技术和RS - 232发送器/接收器(± 15kV的ESD防护V的电源电压,RS - 232接口收发器) ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R TRIPLE LINE TRANSCEIVER, PDSO24 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 24-SSOP TRIPLE LINE TRANSCEIVER, PDSO24 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SOIC TRIPLE LINE TRANSCEIVER, PDSO24
|
Intersil Corporation Intersil, Corp.
|
EMRS-1800TR |
±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver; Temperature Range: -40°C to 85°C; Package: 20-SSOP T&R ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver; Temperature Range: 0°C to 70°C; Package: 18-SOIC T&R ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver; Temperature Range: 0°C to 70°C; Package: 18-SOIC T&R E系列表面贴装混合6002300兆赫 1600 MHz - 2300 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 9.5 dB CONVERSION LOSS-MAX
|
Analog Devices, Inc.
|
NID5003N_06 NID5003N NID5003NT4 NID5003N06 |
Self−Protected FET with Temperature and Current Limit
|
ONSEMI[ON Semiconductor]
|
NID5001N |
Self-protected FET with Temperature and Current Limit(自保护型FET(带过温和过流保护))
|
ON Semiconductor
|
NCV8406ADTRKG NCV8406ASTT1G NCV8406ASTT3G NCV8406D |
Self-Protected Low Side Driver with Temperature and Current Limit
|
ON Semiconductor
|
NCV8401 NCV8401DTRKG |
Self-Protected Low Side Driver with Temperature and Current Limit
|
ON Semiconductor
|
NCV8402 |
Self-Protected Low Side Driver with Temperature and Current Limit
|
ON Semiconductor
|
NCV8402D NCV8402DDR2G |
Dual Self-Protected Low-Side Driver with Temperature and Current Limit
|
ON Semiconductor
|
|